Part Number Hot Search : 
SI4992EY 10302 KSH20010 25RIA120 LC4000B VVX332 W78E5 FTSO4126
Product Description
Full Text Search
 

To Download 8020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sonardyne uk (head office) t. +44 (0) 1252 872288 f. +44 (0) 1252 876100 e. sales@sonardyne.com www.sonardyne.com datasheet navigation controller unit (ncu) description the type 8020 navigation controller unit (ncu) forms part of a data fusion engine, a ?one-box? solution designed to meet the complete on-board requirements of any acoustic operation. the ncu is the interface between the in-water acoustic instruments, sensors and the navigation computer which runs the acoustics positioning software. in addition to accurately time stamping incoming data from external devices such as gps, the ncu also provides power and communications for ship-borne acoustic transceivers. a range of hardware interface cards are available for interfacing sonardyne transceivers and external sensors. by simply plugging these cards into the rear of the unit, the role of the navigation controller unit can be transformed from supporting simple to complex acoustic operations. for certain dp and drilling operations, the ncu can be configured to offer dual and triple redundancy. key features ? interfaces all sensors and acoustic transceivers ? accurate time stamping for next generation tracking methods ? houses sensor specific interfaces ? provides power and communications to acoustic transceivers ? configurable for dual and triple redundancy
sonardyne uk (head office) t. +44 (0) 1252 872288 f. +44 (0) 1252 876100 e. sales@sonardyne.com www.sonardyne.com specifications subject to change without notice - 03/2007 specifications navigation controller unit (ncu) feature type 8020 processor motorola coldfire mc f5307 running at 70 mips memory one single date rate(sdr) dimm socket fitted with 32mb sdram motherboard proprietary sonardyne type 8020-046 ports and connectors ac mains iec power connector socket 12 x interface card connectors power supply auto sensing ac input voltage 100-240v, 50-60 hz max current : 0.5a @ 240v, 1a @110v ave. operating current: 0.32a @ 240v environmental specifications operating storage relative humidity shock 0 o to 35 o c (32 o to 95 of ) -40 o to 65 o c (-40 o to 149 o f) 20% - 80% (non-condensing) 10g acceleration peak to peak 5-17hz, 0.1? double amplitude displacement 17-640hz, 1.5g acceleration peak to peak safety complies with en61010-1 emc complies with immunity & emission requirements of rn60945 dimensions (lxwxh) 384mm (15.1?) x 482mm (18.9?) x 88mm (3.4?) front rear


▲Up To Search▲   

 
Price & Availability of 8020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X